PART |
Description |
Maker |
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
3433EFE LT3433IFE LT3433 LT3433EFE 3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology Corporation LINER[Linear Technology]
|
CS20-25MO1F |
High Voltage Phase Control Thyristor in High Voltage ISOPLUS i4-PAC
|
IXYS Corporation
|
AN8013SH |
Single-channel step-up or step-down DC-DC converter control IC
|
Panasonic Corporation
|
2SA1432 |
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
X20C16J-45 X20C16J-55 X20C16SI-45 X20C16SI-55 X20C |
High Speed AUTOSTORE?NOVRAM High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE??NOVRAM IC SYNC BUCK CONTROLLER 16-MLPQ 高速自动存储⑩NOVRAM Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:2.75V; Input Voltage Primary Max:5.5V; Duty Cycle Max:100% 高速自动存储⑩NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Supply Voltage Min:4.4V; Switching Frequency Max:600kHz; Package/Case:8-SOIC Power Supply IC; Power Supply Type:PWM Controller; Supply Voltage Max:5.5V; Package/Case:32-MLP; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-40 C; Output Voltage Max:1.5V; Output Voltage Min:0.3V RoHS Compliant: Yes ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
|
http:// ITT, Corp. Semtech, Corp. Stanford Microdevices Electronic Theatre Controls, Inc. Xicor Inc.
|
LTC3631EMS8E-3.3-PBF LTC3631EMS8E-3.3-TRPBF LTC363 |
High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
|
Linear Technology
|
AN8014S AN8014 |
Step-down, step-up, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|
DG417LAK/883 DG419LAK/883 DG418LAK/883 DG419LDY |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C 精密单片低电压CMOS模拟开 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C 精密单片低电压CMOS模拟开
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
2SA1432 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE (PCT PROCESS) HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS.
|
TOSHIBA
|